Part Number Hot Search : 
050UCT 32A06 FGA40N BLT81 TEA2021 YD34063 PE3339EK ZMM20
Product Description
Full Text Search
 

To Download 2SA1694 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1694
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4467) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1694 -120 -120 -6 -8 -3 80(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Audio and General Purpose
(Ta=25C) 2SA1694 -10max -10max -120min 50min -1.5max 20typ 300typ V MHz pF
20.0min 4.0max 3 1.05 +0.2 -0.1 5.450.1 B C E 5.450.1 0.65 +0.2 -0.1 1.4
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-120V VEB=-6V IC=-50mA VCE=-4V, IC=-3A IC=-3A, IB=-0.3A VCE=-12V, IE=0.5A VCB=-10V, f=1MHz
External Dimensions MT-100(TO3P)
5.00.2 15.60.4 9.6 2.0 1.8 4.80.2 2.00.1
Unit
A A
19.90.3
V
4.0
a b
o3.20.1
2
hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180)
sTypical Switching Characteristics (Common Emitter)
VCC (V) -40 RL () 10 IC (A) -4 VBB1 (V) -10 VBB2 (V) 5 IB1 (A) -0.4 IB2 (A) 0.4 ton (s) 0.14typ tstg (s) 1.40typ tf (s) 0.21typ
Weight : Approx 6.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
-8
50
VCE( s a t ) - IB Characteristics (Typical)
-3 Collector-Emitter Saturation Voltage V C E (s at)( V )
I C - V BE Temperature Characteristics (Typical)
-8 (V CE= -4V)
-3
-2
0
0m
m
A
-1 5
A 0m
-100 mA
A
Collector Current I C( A)
-6
-7 5m A
Collector Current I C (A)
-6
-2
-50mA
-4
-4
mp) e Te
mp) e Te (Cas
-25mA
Cas
-1 IC=-8A -4A -2A 0 0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0 Base Current I B( A)
0
0
-1
-2
-3
-4
0
0
-0.5
-30C
25C
125
IB=-10mA
C (
-2
-2
(Cas
-1.0
e Te
mp)
-1.5
Collector-Emitter Voltage V C E( V)
Base-Emittor Voltage V B E( V)
h FE - I C Characteristics (Typical)
(V C E= -4V) 200 D C Cur r ent Gai n h F E
h FE - I C Temperature Characteristics (Typical)
(V C E= -4V) 300 DC Curr ent Gain h FE
j-a - t Characteristics
j-a(C/W)
Transient Thermal Resistance 3
Typ
100
125C 25C 100 -30C
1
50
50
0.5
30 -0.02
-0.1
-0.5
-1
-5
-8
30 -0.02
-0.1
-0.5
-1
-5 -8
0.3
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Collector Current I C( A)
f T - IE Characteristics (Typical)
(V C E= -12V) 30 -20
Safe Operating Area (Single Pulse)
80
10 m s
P c - T a Derating
Typ
20 Co lle ctor Cu rren t I C( A)
-5
DC
Maxim um Power Dissip ation P C( W)
-10 Cut- off F req uency f T( MH Z)
100ms
60
W ith In fin ite he
40
at si
-1
nk
10
-0.5 Without Heatsink Natural Cooling
20
Without Heatsink 0 0.02 0.05 0.1 0.5 1 5 8 -0.1 -5 -10 -50 -100 -200 3.5 0 0 25 50 75 100 12 5 150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
28
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2SA1694

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X